Part Number Hot Search : 
DT74FCT 73D15 MA6X556 ST72F 04320 67A42 216125 FC133
Product Description
Full Text Search
 

To Download 2SD1589 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SD1589 d escription with to-220fa package darlington complement to type 2sb1098 low speed switching applications low frequency power amplifier low speed switching industrial use pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 150 v v ceo collector-emitter voltage open base 100 v v ebo emitter-base voltage open collector 7 v i c collector current (dc) 5 a i cm collector current-peak 8 a i b base current (dc) 0.5 a t a =25 1.5 p c collector power dissipation t c =25 20 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220fa) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SD1589 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector- emitter sustaining voltage i c =0.1a , i b =0 60 v v cesat collector-emitter saturation voltage i c =3a ;i b =3ma 1.5 v v besat base-emitter saturation voltage i c =3a; i b =3ma 2.0 v i cbo collector cut-off current v cb =100v ;i e =0 1 a h fe-1 dc current gain i c =3a ; v ce =2v 2000 15000 h fe-2 dc current gain i c =5a ; v ce =2v 500 switching times t on turn-on time 1.0 s t s storage time 3.5 s t f fall time i c =3a ;i b1 =3ma i b2 =-3ma; v cc b 50v r l =16.7 c 1.2 s  h fe classifications r o y 2000-5000 3000-7000 5000-15000
savantic semiconductor product specification 3 silicon npn power transistors 2SD1589 package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SD1589

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X